PART |
Description |
Maker |
HGTG18N120BN FN4518 |
54 A, 1200 V, N-CHANNEL IGBT, TO-247 CAT6A RISER, YELLOW, SPOOBULK CABLE From old datasheet system 54A, 1200V, NPT Series N-Channel IGBT 54A/ 1200V/ NPT Series N-Channel IGBT
|
HARRIS SEMICONDUCTOR INTERSIL[Intersil Corporation]
|
V375B3.3M150A3L V375A3.3M150A3L V375B3.3M150A2L V3 |
DR331-7 Series Shielded SMD Inductor; Shielded Surface Mount Design. Inductance 150µH. Rated Current 0.26 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. Analog IC 模拟IC
|
Vishay Intertechnology, Inc. Global Mixed-mode Technology, Inc. Vicor, Corp.
|
N261007AQ |
Augmented Cat6 (Cat6a) Snagless 10G Certified
|
Tripp Lite. All Rights ...
|
DR358-5-223 DR358-5-273 |
SMD SHIELDED INDUCTOR DR358-5 SERIES
|
Datatronic Distribution, Inc.
|
DR331-7-103 DR331-7-472 DR331-7-473 DR331-7-682 42 |
DR331-7 Series Shielded SMD Inductor; Shielded Surface Mount Design. Inductance 10µH. Rated Current 1.0 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR, SMD DR331-7 Series Shielded SMD Inductor; Shielded Surface Mount Design. Inductance 4.7µH. Rated Current 1.4 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. 1 ELEMENT, 4.7 uH, GENERAL PURPOSE INDUCTOR, SMD DR331-7 Series Shielded SMD Inductor; Shielded Surface Mount Design. Inductance 47µH. Rated Current 0.5 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. 1 ELEMENT, 47 uH, GENERAL PURPOSE INDUCTOR, SMD DR331-7 Series Shielded SMD Inductor; Shielded Surface Mount Design. Inductance 6.8µH. Rated Current 1.2 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. 1 ELEMENT, 6.8 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 1500 uH, GENERAL PURPOSE INDUCTOR, SMD DR331-7 Series Shielded SMD Inductor; Shielded Surface Mount Design. Inductance 47µH. Rated Current 0.5 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. DR331-7 Series Shielded SMD Inductor; Shielded Surface Mount Design. Inductance 150µH. Rated Current 0.26 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR, SMD DR331-7 Series Shielded SMD Inductor; Shielded Surface Mount Design. Inductance 2200µH. Rated Current 0.10 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. DR331-7 Series Shielded SMD Inductor; Shielded Surface Mount Design. Inductance 330µH. Rated Current 0.20 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. DR331-7 Series Shielded SMD Inductor; Shielded Surface Mount Design. Inductance 10µH. Rated Current 1.0 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. 1 ELEMENT, 2.2 uH, GENERAL PURPOSE INDUCTOR, SMD DR331-7 Series Shielded SMD Inductor; Shielded Surface Mount Design. Inductance 10000µH. Rated Current 0.02 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. 1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR, SMD
|
Datatronic Distribution, Inc DATATRONIC DISTRIBUTION INC
|
5749070-9 5749070-5 |
RECEPTACLE ASSEMBLY, SHIELDED, VERTICAL, AMPLIMITE .050 Series
|
Tyco Electronics
|
FRCE-34H1 FRCE-50H1 FRCE-26H1 |
Metal Hood FRC5 Series Shielded Type for EMI Suppression
|
DDK Ltd.
|
312035P 312030P 3182.25P 312.031P 312.062P 312.100 |
CAT6A F/UTP PATCH CABLE 1M WHITE CAT6A F/UTP PATCH CABLE 5M BLUE CAT 7 PATCH CABLE 1 PAIR 1M WHITE Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:White; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes CAT 7 PATCH CABLE 4 PAIR 3M WHITE CAT6A F/UTP PATCH CABLE 5M WHITE CAT 7 PATCH CABLE 1 PAIR 3M WHITE Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Green; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:14; No. Strands x Strand Size:41 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:600V RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes CAT 7 PATCH CABLE 1 PAIR 5M WHITE Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Blue; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes CAT 7 PATCH CABLE 1 PAIR 2M WHITE Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes CAT 7 PATCH CABLE 4 PAIR 2M WHITE CAT6A F/UTP PATCH CABLE 3M WHITE CAT 7 PATCH CABLE 4 PAIR 1M WHITE Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Color:Pink; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes CAT6A F/UTP PATCH CABLE 2M BLUE Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Color:Dark Blue; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Color:Black; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Connector assemblies, Network cables; CAP FILM OIL WOUND 20UF 370VAC COMPUTER PRODUCT 轴向引线和熔断管-玻璃 Axial Lead and Cartridge Fuses - Glass Body 轴向引线和熔断管-玻璃 CAT6A F/UTP PATCH CABLE 3M WHITE 轴向引线和熔断管-玻璃 RELAY MINI 2A DPDT 48V PC MNT 轴向引线和熔断管-玻璃 CAT6A F/UTP PATCH CABLE 2M BLUE 轴向引线和熔断管-玻璃 CAT6A F/UTP PATCH CABLE 1M WHITE 轴向引线和熔断管-玻璃
|
http:// LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
SLOTTEN-4-17 SLOTTEN-2-17 SLOTTEN-3-17 SLOTTEN-5-1 |
SHIELDED, 288 uH - 432 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 286 uH - 630 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 230 uH - 310 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 72 uH - 163 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 303 uH - 765 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 66 uH - 136 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 67.2 uH - 100.2 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 52.7 uH - 71.3 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 67.2 uH - 100.8 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 280 uH - 432 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 1.76 uH - 2.64 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 1.2 uH - 1.8 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 2.4 uH - 5.4 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 1.25 uH - 2.75 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 2.9 uH - 3.9 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 18.7 uH - 25.3 uH, VARIABLE INDUCTOR DIP-5
|
Coilcraft, Inc.
|
165-05A06S 164-04A06 165-04A06S |
NOT RoHS. RF inductor, tunable, aluminum core, shielded (add 'L' for compliant version) SHIELDED, 0.043 uH - 0.05 uH, VARIABLE INDUCTOR UNSHIELDED, 0.052 uH - 0.077 uH, VARIABLE INDUCTOR SHIELDED, 0.035 uH - 0.041 uH, VARIABLE INDUCTOR
|
Coilcraft, Inc. COILCRAFT INC
|
|